PART |
Description |
Maker |
28F800B5 E28F400B5-B80 E28F400B5-T80 E28F200B5-B80 |
SMART 5 BOOT BLOCK, FLASH MEMORY FAMILY 2, 4, 8 MBIT Smart 5 boot block flash memory 4 Mbit. Access speed 80 ns Smart 5 boot block flash memory 2 Mbit. Access speed 80 ns Smart 5 boot block flash memory 4 Mbit. Access speed 60 ns Smart 5 boot block flash memory 8 Mbit. Access speed 70 ns Smart 5 boot block flash memory 8 Mbit. Access speed 90 ns Smart 5 boot block flash memory 2 Mbit. Access speed 60 ns
|
Intel
|
LH28F160BVHE-BTL90 |
16M-BIT(2Mbit x8/1Mbit x16)Boot Block Flash MEMORY(16M2M位x8/1Mx16)Boot Block 闪速存储器)
|
Sharp Corporation
|
GT28F160B3-T120 GT28F160B3-T150 GT28F400B3-T120 GT |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 智能3高级启动块字 SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 1M X 16 FLASH 3V PROM, 150 ns, PBGA48 TRANSFORMER CURRENT 75.0 AMP 智能3高级启动块字 LEAD, N PLG-PLG 50R, 1.2M; Connector type A:N Plug; Connector type B:N Plug; Length, lead:1.2m; Cable type:RG213; Impedance:50R; Coaxial cable type:RG213 RoHS Compliant: Yes
|
http:// Intel, Corp. ON Semiconductor Intel Corp.
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
AB28F200BR-T80 A28F200BR-TB A28F200BR-B AB28F200BR |
2-MBIT (128K X 16. 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY JT 42C 42#22 PIN RECP 2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K X 16/ 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corp.
|
AT49F002A AT49F002AN AT49F002ANT AT49F002AT |
AT49F002A(N)(T) [Updated 8/03. 19 Pages] 256K x 8 (2M bit). 5-Volt-Only. Top or Bottom Boot Parametric Block Flash 256K x 8 (2M bit), 5-Volt-Only, Top Boot Parametric Block Flash 256K x 8 (2M bit), 5-Volt-Only, Bottom Boot Parametric Block Flash
|
Atmel
|
TE28F160B3B120 TE28F160B3-B120 TE28F160B3B150 TE28 |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
|
INTEL[Intel Corporation]
|
TE28F016B3B120 TE28F016B3B150 TE28F016B3T120 TE28F |
SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
|
INTEL[Intel Corporation]
|
28F200CV-B 28F200BV-T 28F200CV-T PA28F400CV-T80 28 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY USB 2.0 Cables; Connector Type A:USB Type A Male; Connector Type B:USB Type B Male; Cable Length:10ft; Approval Bodies:UR, CSA; Contact Material:Platinum; Wire Size (AWG):28-24 POWERLINE: RP30-S_DEW - 4:1 Wide Input Voltage Range- 30 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 88% POWERLINE: RP40-S_D_TE - 2:1 Wide Input Voltage Range- 40 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Design Meet Safety Standard- Standard 76.2 x66.0x10.2mm Package- Efficiency to 90% LAMP FILAMENT 14V 16MM SWITCH OPERATOR RECT 1 OR 2 POLE 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 1M X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Intel Corporation http:// Intel Corp. Intel, Corp.
|
AS8FLC1M32BQT-90_IT AS8FLC1M32BQT-90_Q AS8FLC1M32B |
Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array 1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
http:// Austin Semiconductor, Inc MICROSS COMPONENTS
|
M28W640C-ZBT M28W640CT90ZB6T M28W640CB80ZB1T M28W6 |
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,启动块3V电源快闪记忆 64 Mbit 4Mb x16/ Boot Block 3V Supply Flash Memory
|
STMicroelectronics N.V. 意法半导
|